Part Number Hot Search : 
SHD12 U74HC373 C1161 SDAXXX BC818 AC16DSMA C1161 T221013
Product Description
Full Text Search
 

To Download APM2360AC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 2 3 6 0 a f e a t u r e s a p p l i c a t i o n s p o w e r m a n a g e m e n t i n d c / a c i n v e n t e r s y s t e m s . p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n t o p v i e w o f s o t - 2 3 n - c h a n n e l m o s f e t 6 0 v / 2 . 5 a , r d s ( o n ) = 9 0 m w ( t y p . ) @ v g s = 1 0 v r d s ( o n ) = 1 1 5 m w ( t y p . ) @ v g s = 4 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) apm2360 handling code temperature range package code package code a : sot-23 operating junction temperature range c : -55 to 150 o c handling code tr : tape & reel assembly material l : lead free device g : halogen and lead free device apm2360 a : m60x x - date code assembly material g s d n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . d g s
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 2 a p m 2 3 6 0 a a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage 60 v gss gate - source voltage 2 0 v i d * continu ous drain current 2.5 i dm * 300 m s pulsed drain current v gs =10v 10 a i s * diode c ontinuous f orward c urrent 1 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 0.83 p d * maximum power dissipation t a =100 c 0.3 w r q ja * thermal resistance - junction to ambient 150 c / w apm 23 60 a symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a 60 - - v v ds =48v, v gs =0v - - 1 i dss zero gate voltage drain current t j =85 c - - 30 m a v gs(th) gate thr eshold voltage v ds =v gs , i ds =250 m a 1 2.3 3 v i gss gate leakage current v gs =2 0 v, v ds =0v - - 100 na v gs =10v, i ds =2.5a - 90 120 r ds(on) a drain - source on - state resistance v gs =4.5v, i ds = 2 a - 115 1 55 m w v sd a diode forward voltage i sd =1a, v gs =0v - 0. 8 1. 1 v gate charge characteristics b q g total gate charge - 8 11 q gs gate - source charge - 1.5 - q gd gate - drain charge v ds =3 0 v, v gs =10v, i d s =2.5a - 1.9 - nc n o t e : * s u r f a c e m o u n t e d o n 1 i n 2 p a d a r e a , t 1 0 s e c .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 3 a p m 2 3 6 0 a apm 23 60 a symbol parameter test condition s min. typ. max. unit dynamic characteristics b r g gate r esistance v gs = 0 v,v ds =0v ,f=1mhz - 1.3 - w c iss input capacitance - 365 - c oss output capacitance - 40 - c rss re verse transfer capacitance v gs =0v, v ds = 30 v, f requency =1.0mhz - 20 - pf t d(on) turn - on delay time - 6 12 t r turn - on rise time - 7 1 4 t d(off) turn - off delay time - 1 5 2 8 t f turn - off fall time v dd = 3 0v, r l = 30 w , i ds =1a, v gen =10v , r g = 6 w - 3 6 ns t rr reverse recovery time - 21 - ns q rr reverse recovery charge i sd =2.5a, di sd /dt =100a/ m s - 16 - nc note a : pulse test ; pulse width 3 00 m s, duty cycle 2%. note b : guaranteed by design, not subject to production testing. e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 4 a p m 2 3 6 0 a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) i d - drain current (a) normalized transient thermal resistance 0 20 40 60 80 100 120 140 160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t a =25 o c 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t a =25 o c,v g =10v 0.01 0.1 1 10 100 300 1e-3 0.01 0.1 1 10 30 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 150 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 5 a p m 2 3 6 0 a r ds(on) - on - resistance ( m w ) d r a i n - s o u r c e o n r e s i s t a n c e i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e v d s - d r a i n - s o u r c e v o l t a g e ( v ) i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s g a t e - s o u r c e o n r e s i s t a n c e v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds (on) - on-resistance (m w ) normalized threshold voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 6 7 8 9 10 3.5v 4v 3v v gs = 5, 6, 7, 8, 9, 10v 0 2 4 6 8 10 40 60 80 100 120 140 160 180 v gs =4.5v v gs =10v 1 2 3 4 5 6 7 8 9 10 40 60 80 100 120 140 160 180 200 i d =2.5a -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 i ds =250 m a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 6 a p m 2 3 6 0 a v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) v gs - gate - source voltage (v) -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @t j =25 o c: 90m w v gs = 10v i ds = 2.5a 0.0 0.3 0.6 0.9 1.2 1.5 0.1 1 10 t j =150 o c t j =25 o c 0 5 10 15 20 25 30 0 50 100 150 200 250 300 350 400 450 500 frequency=1mhz crss coss ciss 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 9 10 v ds = 30v i ds = 2.5a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 7 a p m 2 3 6 0 a p a c k a g e i n f o r m a t i o n s o t - 2 3 0 l view a 0 . 2 5 gauge plane seating plane a a 2 a 1 e d e e 1 see view a b c e1 max. 0.057 0.051 0.024 0.006 0.009 0.020 0.012 l 0.30 0 e e1 e1 e d c b 0.08 0.30 0.60 0.012 0.95 bsc 1.90 bsc 0.22 0.50 0.037 bsc 0.075 bsc 0.003 min. millimeters s y m b o l a1 a2 a 0.00 0.90 sot-2 3 max. 1.45 0.15 1.30 min. 0.000 0.035 inches 8 0 8 0 1.40 2.60 1.80 3.00 2.70 3.10 0.122 0.071 0.118 0.102 0.055 0.106 note : dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 8 a p m 2 3 6 0 a c a r r i e r t a p e & r e e l d i m e n s i o n s a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 h t1 a d application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sot - 23 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0.40 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 (mm) d e v i c e s p e r u n i t package type unit quantity sot - 23 tape & reel 3000
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 9 a p m 2 3 6 0 a t a p i n g d i r e c t i o n i n f o r m a t i o n s o t - 2 3 r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 t e m p e r a t u r e time critical zone t l to t p r e l i a b i l i t y t e s t p r o g r a m test item method description solderability mil - std - 883d - 2003 245 c, 5 sec holt mil - std - 883d - 1005.7 1000 hrs bias @125 c pct jesd - 22 - b, a102 168 hrs, 100 % rh, 121 c tst mil - std - 883d - 1011.9 - 65 c~150 c, 200 cycles user direction of feed
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - n o v . , 2 0 0 8 w w w . a n p e c . c o m . t w 1 0 a p m 2 3 6 0 a profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classification temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/sec ond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package. measured on the body surface. c l a s s i f i c a t i o n r e f l o w p r o f i l e s table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. table 1. snpb eutectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838


▲Up To Search▲   

 
Price & Availability of APM2360AC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X